Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM7808CT Fiches technique(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM7808CT
Description  Series 3-Terminal Positive Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7808CT Fiches technique(HTML) 9 Page - National Semiconductor (TI)

Back Button LM7808CT Datasheet HTML 5Page - National Semiconductor (TI) LM7808CT Datasheet HTML 6Page - National Semiconductor (TI) LM7808CT Datasheet HTML 7Page - National Semiconductor (TI) LM7808CT Datasheet HTML 8Page - National Semiconductor (TI) LM7808CT Datasheet HTML 9Page - National Semiconductor (TI) LM7808CT Datasheet HTML 10Page - National Semiconductor (TI) LM7808CT Datasheet HTML 11Page - National Semiconductor (TI) LM7808CT Datasheet HTML 12Page - National Semiconductor (TI) LM7808CT Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Application Hints (Continued)
Figures 6, 7 show the information for the SOT-223 package.
Figure 6 assumes a
θ
(J–A) of 74˚C/W for 1 ounce copper and
51˚C/W for 2 ounce copper and a maximum junction tem-
perature of 125˚C.
Please see AN-1028 for power enhancement techniques to
be used with the SOT-223 package.
Typical Applications
DS007781-41
FIGURE 6.
θ
(J–A) vs Copper (2 ounce) Area
for the SOT-223 Package
DS007781-42
FIGURE 7. Maximum Power Dissipation vs
T
AMB for the SOT-223 Package
Fixed Output Regulator
DS007781-13
Note: Bypass capacitors are recommended for optimum stability and
transient response, and should be located as close as possible to the
regulator.
High Input Voltage Circuits
DS007781-14
DS007781-15
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15