Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP3928 Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LP3928
Description  High Speed Bi-Directional Level Shifter and Ultra Low-Dropout CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3928 Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  LP3928 Datasheet HTML 1Page - National Semiconductor (TI) LP3928 Datasheet HTML 2Page - National Semiconductor (TI) LP3928 Datasheet HTML 3Page - National Semiconductor (TI) LP3928 Datasheet HTML 4Page - National Semiconductor (TI) LP3928 Datasheet HTML 5Page - National Semiconductor (TI) LP3928 Datasheet HTML 6Page - National Semiconductor (TI) LP3928 Datasheet HTML 7Page - National Semiconductor (TI) LP3928 Datasheet HTML 8Page - National Semiconductor (TI) LP3928 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Pin Description (Continued)
TABLE 2. Direction Control and LatchCLK (Normal Mode)
Inputs
Outputs and Direction
DIRx
LatchClk
1
X
Ax to Bx
0
↓
No change (on Ax)
0
↑
Bx to Ax, see example
Example for Latch Mode, DIR1 = ‘0’, EN1 = EN2 = ‘1’ (delay not shown):
20039105
Ordering Information
For micro SMD Package
Output Voltage (V)
Grade
LP3928 Supplied As 250 Units, Tape & Reel
LP3928 Supplied As 3000 Units, Tape & Reel
2.85
STD
LP3928TL-1828
LP3928TLX-1828
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11