Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RJ11-4LC2-R Fiches technique(PDF) 6 Page - TE Connectivity Ltd

No de pièce RJ11-4LC2-R
Description  Low Profile Filtered Modular Jacks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RJ11-4LC2-R Fiches technique(HTML) 6 Page - TE Connectivity Ltd

  RJ11-4LC2-R Datasheet HTML 1Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 2Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 3Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 4Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 5Page - TE Connectivity Ltd RJ11-4LC2-R Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
259
Corcom Product Guide
6
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
RJ45 Low Profile, Style 4 Shield
RJ45 Low Profile PC Board Layout
.700
17.78
7
5
3
1
8
6
4
2
.515*
13.08 .010
.25
.165
4.19
.630
16.00
.430
10.92
.217
5.51
.135
3.43
.120
3.05
.740
18.80
*to top of shield
.450
11.43
Dia.
(8 Places)
.128±.003
3.25±.08
.076±.003
1.93±.08
(2 Places)
1
3
5
7
2
4
6
8
.120
3.05
.217
5.51
.350
8.89
.050
1.27
.050
1.27
.030 +.008/-.003
.76 +.20/-.08
.250
6.35
.095
2.41
(7 Spaces)
(2 Places)
Dia.
Dia.
Part No.
RJ45-8N4-B
RJ45-8N4-S
RJ45-8Z4
For all RJ45 N and Z Series Models
Shown from Component Side
      
Model Dimensions (continued)
N and Z Series RJ Jack Dimensions (continued)



Html Pages

1 2 3 4 5 6