Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C4SME-RJS-CS34QBB2 Fiches technique(PDF) 4 Page - Cree, Inc

No de pièce C4SME-RJS-CS34QBB2
Description  Cree Screen Master 4-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

C4SME-RJS-CS34QBB2 Fiches technique(HTML) 4 Page - Cree, Inc

  C4SME-RJS-CS34QBB2 Datasheet HTML 1Page - Cree, Inc C4SME-RJS-CS34QBB2 Datasheet HTML 2Page - Cree, Inc C4SME-RJS-CS34QBB2 Datasheet HTML 3Page - Cree, Inc C4SME-RJS-CS34QBB2 Datasheet HTML 4Page - Cree, Inc C4SME-RJS-CS34QBB2 Datasheet HTML 5Page - Cree, Inc C4SME-RJS-CS34QBB2 Datasheet HTML 6Page - Cree, Inc C4SME-RJS-CS34QBB2 Datasheet HTML 7Page - Cree, Inc C4SME-RJS-CS34QBB2 Datasheet HTML 8Page - Cree, Inc C4SME-RJS-CS34QBB2 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree 4-mm Oval LED
C4SMF-RJS/GJS/BJS
C4SME-RJS
ORDER CODE TABLE*
C4SMF
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max.
(nm)
Red
C4SMF-RJS-CT0W0BB1
1100
4180
RB
619
RB
624
Bulk
Red
C4SMF-RJS-CT14QBB1
Any 4 consecutive sub-bins: T1 (1100) - U2 (1824)
RB
619
RB
624
Bulk
Red
C4SMF-RJS-CT34QBB1
Any 4 consecutive sub-bins: T3 (1310) - U4 (2130)
RB
619
RB
624
Bulk
Red
C4SMF-RJS-CU14QBB1
Any 4 consecutive sub-bins: U1 (1520) - V2 (2564)
RB
619
RB
624
Bulk
Red
C4SMF-RJS-CU34QBB1
Any 4 consecutive sub-bins: U3 (1824) - V4 (3000)
RB
619
RB
624
Bulk
Red
C4SMF-RJS-CT0W0BB2
1100
4180
RB
619
RB
624
Ammo
Red
C4SMF-RJS-CT14QBB2
Any 4 consecutive sub-bins: T1 (1100) - U2 (1824)
RB
619
RB
624
Ammo
Red
C4SMF-RJS-CT34QBB2
Any 4 consecutive sub-bins: T3 (1310) - U4 (2130)
RB
619
RB
624
Ammo
Red
C4SMF-RJS-CU14QBB2
Any 4 consecutive sub-bins: U1 (1520) - V2 (2564)
RB
619
RB
624
Ammo
Red
C4SMF-RJS-CU34QBB2
Any 4 consecutive sub-bins: U3 (1824) - V4 (3000)
RB
619
RB
624
Ammo
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max.
(nm)
Green
C4SMF-GJS-CV0Y0791
2130
8200
G7
520
G9
535
Bulk
Green
C4SMF-GJS-CV14Q7S1
Any 4 consecutive sub-bins: V1 (2130) - W2 (3590)
Any 1 color bin from G7 (520) to G9 (535)
Bulk
Green
C4SMF-GJS-CV14Q7T1
Any 4 consecutive sub-bins: V1 (2130) - W2 (3590)
Any 1 color bin from G7 (520) to G8 (530)
Bulk
Green
C4SMF-GJS-CW14Q7T1
Any 4 consecutive sub-bins: W1 (3000) - X2 (5020)
Any 1 color bin from G7 (520) to G8 (530)
Bulk
Green
C4SMF-GJS-CW44Q7T1
Any 4 consecutive sub-bins: W4 (3885) - Y1 (6445)
Any 1 color bin from G7 (520) to G8 (530)
Bulk
Green
C4SMF-GJS-CV0Y0792
2130
8200
G7
520
G9
535
Ammo
Green
C4SMF-GJS-CV14Q7S2
Any 4 consecutive sub-bins: V1 (2130) - W2 (3590)
Any 1 color bin from G7 (520) to G9 (535)
Ammo
Green
C4SMF-GJS-CV14Q7T2
Any 4 consecutive sub-bins: V1 (2130) - W2 (3590)
Any 1 color bin from G7 (520) to G8 (530)
Ammo
Green
C4SMF-GJS-CW14Q7T2
Any 4 consecutive sub-bins: W1 (3000) - X2 (5020)
Any 1 color bin from G7 (520) to G8 (530)
Ammo
Green
C4SMF-GJS-CW44Q7T2
Any 4 consecutive sub-bins: W4 (3885) - Y1 (6445)
Any 1 color bin from G7 (520) to G8 (530)
Ammo
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max.
(nm)
Blue
C4SMF-BJS-CR0U0351
550
2130
B3
460
B5
475
Bulk
Blue
C4SMF-BJS-CR0U0451
550
2130
B4
465
B5
475
Bulk
Blue
C4SMF-BJS-CR14Q3T1
Any 4 consecutive sub-bins: R1 (550) - S2 (934)
Any 1 color bin from B3 (460) to B4 (470)
Bulk
Blue
C4SMF-BJS-CR14Q4T1
Any 4 consecutive sub-bins: R1 (550) - S2 (934)
Any 1 color bin from B4 (465) to B5 (475)
Bulk
Blue
C4SMF-BJS-CR24Q4T1
Any 4 consecutive sub-bins: R2 (605) - S3 (1017)
Any 1 color bin from B4 (465) to B5 (475)
Bulk
Blue
C4SMF-BJS-CS24Q3T1
Any 4 consecutive sub-bins: S2 (852) - T3 (1415)
Any 1 color bin from B3 (460) to B4 (470)
Bulk
Blue
C4SMF-BJS-CS24Q4T1
Any 4 consecutive sub-bins: S2 (852) - T3 (1415)
Any 1 color bin from B4 (465) to B5 (475)
Bulk
Blue
C4SMF-BJS-CR0U0352
550
2130
B3
460
B5
475
Ammo
Blue
C4SMF-BJS-CR0U0452
550
2130
B4
465
B5
475
Ammo
Blue
C4SMF-BJS-CR14Q3T2
Any 4 consecutive sub-bins: R1 (550) - S2 (934)
Any 1 color bin from B3 (460) to B4 (470)
Ammo
Blue
C4SMF-BJS-CR14Q4T2
Any 4 consecutive sub-bins: R1 (550) - S2 (934)
Any 1 color bin from B4 (465) to B5 (475)
Ammo
Blue
C4SMF-BJS-CR24Q4T2
Any 4 consecutive sub-bins: R2 (605) - S3 (1017)
Any 1 color bin from B4 (465) to B5 (475)
Ammo
Blue
C4SMF-BJS-CS24Q3T2
Any 4 consecutive sub-bins: S2 (852) - T3 (1415)
Any 1 color bin from B3 (460) to B4 (470)
Ammo
Blue
C4SMF-BJS-CS24Q4T2
Any 4 consecutive sub-bins: S2 (852) - T3 (1415)
Any 1 color bin from B4 (465) to B5 (475)
Ammo



Html Pages

1 2 3 4 5 6 7 8 9