Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C4SME-RJS-CS34QBB1 Fiches technique(PDF) 8 Page - Cree, Inc

No de pièce C4SME-RJS-CS34QBB1
Description  Cree Screen Master 4-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

C4SME-RJS-CS34QBB1 Fiches technique(HTML) 8 Page - Cree, Inc

  C4SME-RJS-CS34QBB1 Datasheet HTML 1Page - Cree, Inc C4SME-RJS-CS34QBB1 Datasheet HTML 2Page - Cree, Inc C4SME-RJS-CS34QBB1 Datasheet HTML 3Page - Cree, Inc C4SME-RJS-CS34QBB1 Datasheet HTML 4Page - Cree, Inc C4SME-RJS-CS34QBB1 Datasheet HTML 5Page - Cree, Inc C4SME-RJS-CS34QBB1 Datasheet HTML 6Page - Cree, Inc C4SME-RJS-CS34QBB1 Datasheet HTML 7Page - Cree, Inc C4SME-RJS-CS34QBB1 Datasheet HTML 8Page - Cree, Inc C4SME-RJS-CS34QBB1 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
8
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
8
Cree 4-mm Oval LED
C4SMF-RJS/GJS/BJS
C4SME-RJS
KIT NUMBER SYSTEM
All dimensions in mm.Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color,
forward voltage, and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to
the “Cree LED Lamp Packaging Standard” document for more information about shipping and packaging options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following man-
ner:



Html Pages

1 2 3 4 5 6 7 8 9