| Moteur de recherche de fiches techniques de composants électroniques |
|
CLVBAFKA Fiches technique(PDF) 7 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
CLVBAFKA Fiches technique(HTML) 7 Page - Cree, Inc |
|
7 / 10 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 7 Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 7 Cree PLCC4 3 in 1 SMD LED CLVBA-FKA MECHANICAL DIMENSIONS All dimensions are in mm. NOTES RoHS Compliance The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or other- wise restricted materials in this product are below the maximum concentration values (also referred to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2002/95/ EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as amended through April 21, 2006. Vision Advisory Claim Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye. |