| Moteur de recherche de fiches techniques de composants électroniques |
|
C4SMN-RJF Fiches technique(PDF) 5 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMN-RJF Fiches technique(HTML) 5 Page - Cree, Inc |
|
5 / 9 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 5 Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 5 Cree 4-mm Oval LED C4SMN-RJF/GJF/BJF ORDER CODE TABLE* C4SMN Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Blue C4SMN-BJF-CR1S4351 550 1100 B3 460 B5 475 Bulk Blue C4SMN-BJF-CR24Q3C1 Any 4 consecutive sub-bins: R2(605) - S3(1017) Any 1 color bin from B3 (460) to B5 (475) Bulk Blue C4SMN-BJF-CR34Q3C1 Any 4 consecutive sub-bins: R3(660) - S4(1100) Any 1 color bin from B3 (460) to B5 (475) Bulk Blue C4SMN-BJF-CR1S4352 550 1100 B3 460 B5 475 Ammo Blue C4SMN-BJF-CR24Q3C2 Any 4 consecutive sub-bins: R2(605) - S3(1017) Any 1 color bin from B3 (460) to B5 (475) Ammo Blue C4SMN-BJF-CR34Q3C2 Any 4 consecutive sub-bins: R3(660) - S4(1100) Any 1 color bin from B3 (460) to B5 (475) Ammo Notes: 1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-sub-bin code and one color-bin code will be shipped on each reel. Selected single intensity-bin, single color-bin codes will be orderable in certain quantities. For example, any four consecutive sub-bins from V1 to W2 mean only one intensity bin with four sub-bins of the following brightness ranges (W1-W4, W2-X1, W3-X2) will be shipped by Cree. For example, any one-color bin from G7 to G9 means only one color bin (G7 or G23 or G8 or G45 or G9) will be shipped by Cree. 2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions. 3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED product safely. |