| Moteur de recherche de fiches techniques de composants électroniques |
|
C4SMF-BJS Fiches technique(PDF) 4 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMF-BJS Fiches technique(HTML) 4 Page - Cree, Inc |
|
4 / 9 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 4 Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 4 Cree 4-mm Oval LED C4SMF-RJS/GJS/BJS C4SME-RJS ORDER CODE TABLE* C4SMF Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red C4SMF-RJS-CT0W0BB1 1100 4180 RB 619 RB 624 Bulk Red C4SMF-RJS-CT14QBB1 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Bulk Red C4SMF-RJS-CT34QBB1 Any 4 consecutive sub-bins: T3 (1310) - U4 (2130) RB 619 RB 624 Bulk Red C4SMF-RJS-CU14QBB1 Any 4 consecutive sub-bins: U1 (1520) - V2 (2564) RB 619 RB 624 Bulk Red C4SMF-RJS-CU34QBB1 Any 4 consecutive sub-bins: U3 (1824) - V4 (3000) RB 619 RB 624 Bulk Red C4SMF-RJS-CT0W0BB2 1100 4180 RB 619 RB 624 Ammo Red C4SMF-RJS-CT14QBB2 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Ammo Red C4SMF-RJS-CT34QBB2 Any 4 consecutive sub-bins: T3 (1310) - U4 (2130) RB 619 RB 624 Ammo Red C4SMF-RJS-CU14QBB2 Any 4 consecutive sub-bins: U1 (1520) - V2 (2564) RB 619 RB 624 Ammo Red C4SMF-RJS-CU34QBB2 Any 4 consecutive sub-bins: U3 (1824) - V4 (3000) RB 619 RB 624 Ammo Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Green C4SMF-GJS-CV0Y0791 2130 8200 G7 520 G9 535 Bulk Green C4SMF-GJS-CV14Q7S1 Any 4 consecutive sub-bins: V1 (2130) - W2 (3590) Any 1 color bin from G7 (520) to G9 (535) Bulk Green C4SMF-GJS-CV14Q7T1 Any 4 consecutive sub-bins: V1 (2130) - W2 (3590) Any 1 color bin from G7 (520) to G8 (530) Bulk Green C4SMF-GJS-CW14Q7T1 Any 4 consecutive sub-bins: W1 (3000) - X2 (5020) Any 1 color bin from G7 (520) to G8 (530) Bulk Green C4SMF-GJS-CW44Q7T1 Any 4 consecutive sub-bins: W4 (3885) - Y1 (6445) Any 1 color bin from G7 (520) to G8 (530) Bulk Green C4SMF-GJS-CV0Y0792 2130 8200 G7 520 G9 535 Ammo Green C4SMF-GJS-CV14Q7S2 Any 4 consecutive sub-bins: V1 (2130) - W2 (3590) Any 1 color bin from G7 (520) to G9 (535) Ammo Green C4SMF-GJS-CV14Q7T2 Any 4 consecutive sub-bins: V1 (2130) - W2 (3590) Any 1 color bin from G7 (520) to G8 (530) Ammo Green C4SMF-GJS-CW14Q7T2 Any 4 consecutive sub-bins: W1 (3000) - X2 (5020) Any 1 color bin from G7 (520) to G8 (530) Ammo Green C4SMF-GJS-CW44Q7T2 Any 4 consecutive sub-bins: W4 (3885) - Y1 (6445) Any 1 color bin from G7 (520) to G8 (530) Ammo Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Blue C4SMF-BJS-CR0U0351 550 2130 B3 460 B5 475 Bulk Blue C4SMF-BJS-CR0U0451 550 2130 B4 465 B5 475 Bulk Blue C4SMF-BJS-CR14Q3T1 Any 4 consecutive sub-bins: R1 (550) - S2 (934) Any 1 color bin from B3 (460) to B4 (470) Bulk Blue C4SMF-BJS-CR14Q4T1 Any 4 consecutive sub-bins: R1 (550) - S2 (934) Any 1 color bin from B4 (465) to B5 (475) Bulk Blue C4SMF-BJS-CR24Q4T1 Any 4 consecutive sub-bins: R2 (605) - S3 (1017) Any 1 color bin from B4 (465) to B5 (475) Bulk Blue C4SMF-BJS-CS24Q3T1 Any 4 consecutive sub-bins: S2 (852) - T3 (1415) Any 1 color bin from B3 (460) to B4 (470) Bulk Blue C4SMF-BJS-CS24Q4T1 Any 4 consecutive sub-bins: S2 (852) - T3 (1415) Any 1 color bin from B4 (465) to B5 (475) Bulk Blue C4SMF-BJS-CR0U0352 550 2130 B3 460 B5 475 Ammo Blue C4SMF-BJS-CR0U0452 550 2130 B4 465 B5 475 Ammo Blue C4SMF-BJS-CR14Q3T2 Any 4 consecutive sub-bins: R1 (550) - S2 (934) Any 1 color bin from B3 (460) to B4 (470) Ammo Blue C4SMF-BJS-CR14Q4T2 Any 4 consecutive sub-bins: R1 (550) - S2 (934) Any 1 color bin from B4 (465) to B5 (475) Ammo Blue C4SMF-BJS-CR24Q4T2 Any 4 consecutive sub-bins: R2 (605) - S3 (1017) Any 1 color bin from B4 (465) to B5 (475) Ammo Blue C4SMF-BJS-CS24Q3T2 Any 4 consecutive sub-bins: S2 (852) - T3 (1415) Any 1 color bin from B3 (460) to B4 (470) Ammo Blue C4SMF-BJS-CS24Q4T2 Any 4 consecutive sub-bins: S2 (852) - T3 (1415) Any 1 color bin from B4 (465) to B5 (475) Ammo |