| Moteur de recherche de fiches techniques de composants électroniques |
|
C4SMK-RJF Fiches technique(PDF) 4 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMK-RJF Fiches technique(HTML) 4 Page - Cree, Inc |
|
4 / 9 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 4 Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 4 Cree 4-mm Oval LED C4SMK-RJF/GJF/BJF ORDER CODE TABLE* C4SMK-RJF Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red C4SMK-RJF-CR0U0BB1 550 2130 RB 619 RB 624 Bulk Red C4SMK-RJF-CS34QBB1 Any 4 consecutive sub-bins: S3 (934) - T4 (1520) RB 619 RB 624 Bulk Red C4SMK-RJF-CT14QBB1 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Bulk Red C4SMK-RJF-CR0U0BB2 550 2130 RB 619 RB 624 Ammo Red C4SMK-RJF-CS34QBB2 Any 4 consecutive sub-bins: S3 (934) - T4 (1520) RB 619 RB 624 Ammo Red C4SMK-RJF-CT14QBB2 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Ammo C4SMK-GJF Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Green C4SMK-GJF-CU0X0791 1520 5860 G7 520 G9 535 Bulk Green C4SMK-GJF-CV14Q7S1 Any 4 consecutive sub-bins:V1 (2130) - W2 (3590) Any 1 color bin from G7 (520) to G8 (530) Bulk Green C4SMK-GJF-CV14Q7C1 Any 4 consecutive sub-bins:V1 (2130) - W2 (3590) Any 1 color bin from G7 (520) to G9 (535) Bulk Green C4SMK-GJF-CV34Q7S1 Any 4 consecutive sub-bins:V3 (2564) - W4 (4180) Any 1 color bin from G7 (520) to G8 (530) Bulk Green C4SMK-GJF-CV34Q7C1 Any 4 consecutive sub-bins:V3 (2564) - W4 (4180) Any 1 color bin from G7 (520) to G9 (535) Bulk Green C4SMK-GJF-CU0X0792 1520 5860 G7 520 G9 535 Ammo Green C4SMK-GJF-CV14Q7S2 Any 4 consecutive sub-bins:V1 (2130) - W2 (3590) Any 1 color bin from G7 (520) to G8 (530) Ammo Green C4SMK-GJF-CV14Q7C2 Any 4 consecutive sub-bins:V1 (2130) - W2 (3590) Any 1 color bin from G7 (520) to G9 (535) Ammo Green C4SMK-GJF-CV34Q7S2 Any 4 consecutive sub-bins:V3 (2564) - W4 (4180) Any 1 color bin from G7 (520) to G8 (530) Ammo Green C4SMK-GJF-CV34Q7C2 Any 4 consecutive sub-bins:V3 (2564) - W4 (4180) Any 1 color bin from G7 (520) to G9 (535) Ammo |