| Moteur de recherche de fiches techniques de composants électroniques |
|
C4SMF-RJS Fiches technique(PDF) 5 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMF-RJS Fiches technique(HTML) 5 Page - Cree, Inc |
|
5 / 9 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 5 Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 5 Cree 4-mm Oval LED C4SMF-RJS/GJS/BJS C4SME-RJS ORDER CODE TABLE* C4SME Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red C4SME-RJS-CS0U0BB1 770 2130 RB 619 RB 624 Bulk Red C4SME-RJS-CS14QBB1 Any 4 consecutive sub-bins: S1 (770) - T2 (1310) RB 619 RB 624 Bulk Red C4SME-RJS-CS34QBB1 Any 4 consecutive sub-bins: S3 (934) - T4 (1520) RB 619 RB 624 Bulk Red C4SME-RJS-CT14QBB1 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Bulk Red C4SME-RJS-CS0U0BB2 770 2130 RB 619 RB 624 Ammo Red C4SME-RJS-CS14QBB2 Any 4 consecutive sub-bins: S1 (770) - T2 (1310) RB 619 RB 624 Ammo Red C4SME-RJS-CS34QBB2 Any 4 consecutive sub-bins: S3 (934) - T4 (1520) RB 619 RB 624 Ammo Red C4SME-RJS-CT14QBB2 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Ammo Notes: 1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-sub-bin code and one color-bin code will be shipped on each reel. Selected single intensity-bin, single color-bin codes will be orderable in certain quantities. For example, any four consecutive sub-bins from V1 to W2 mean only one intensity bin with four sub-bins of the following brightness ranges (V1-V4, V2-W1, V3-W2) will be shipped by Cree. For example, any one-color bin from G7 to G9 means only one color bin (G7 or G8 or G9) will be shipped by Cree. 2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions. 3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED product safely. |