Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C4SMF-RJF Fiches technique(PDF) 5 Page - Cree, Inc

No de pièce C4SMF-RJF
Description  Cree Screen Master 4-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMF-RJF Fiches technique(HTML) 5 Page - Cree, Inc

  C4SMF-RJF Datasheet HTML 1Page - Cree, Inc C4SMF-RJF Datasheet HTML 2Page - Cree, Inc C4SMF-RJF Datasheet HTML 3Page - Cree, Inc C4SMF-RJF Datasheet HTML 4Page - Cree, Inc C4SMF-RJF Datasheet HTML 5Page - Cree, Inc C4SMF-RJF Datasheet HTML 6Page - Cree, Inc C4SMF-RJF Datasheet HTML 7Page - Cree, Inc C4SMF-RJF Datasheet HTML 8Page - Cree, Inc C4SMF-RJF Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
5
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
5
Cree 4-mm Oval LED
C4SMF-RJF/GJF/BJF
ORDER CODE TABLE*
C4SMF
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max.
(nm)
Blue
C4SMF-BJF-CR0U0351
550
2130
B3
460
B5
475
Bulk
Blue
C4SMF-BJF-CR0U0451
550
2130
B4
465
B5
475
Bulk
Blue
C4SMF-BJF-CS24Q3S1
Any 4 consecutive sub-bins: S2 (852) - T3 (1415)
Any 1 color bin from B3 (460) to B4 (470)
Bulk
Blue
C4SMF-BJF-CS24Q4S1
Any 4 consecutive sub-bins: S2 (852) - T3 (1415)
Any 1 color bin from B4 (465) to B5 (475)
Bulk
Blue
C4SMF-BJF-CS44Q3S1
Any 4 consecutive sub-bins: S4 (1017) - U1 (1672)
Any 1 color bin from B3 (460) to B4 (470)
Bulk
Blue
C4SMF-BJF-CS44Q4S1
Any 4 consecutive sub-bins: S4 (1017) - U1 (1672)
Any 1 color bin from B4 (465) to B5 (475)
Bulk
Blue
C4SMF-BJF-CR0U0352
550
2130
B3
460
B5
475
Ammo
Blue
C4SMF-BJF-CR0U0452
550
2130
B4
465
B5
475
Ammo
Blue
C4SMF-BJF-CS24Q3S2
Any 4 consecutive sub-bins: S2 (852) - T3 (1415)
Any 1 color bin from B3 (460) to B4 (470)
Ammo
Blue
C4SMF-BJF-CS24Q4S2
Any 4 consecutive sub-bins: S2 (852) - T3 (1415)
Any 1 color bin from B4 (465) to B5 (475)
Ammo
Blue
C4SMF-BJF-CS44Q3S2
Any 4 consecutive sub-bins: S4 (1017) - U1 (1672)
Any 1 color bin from B3 (460) to B4 (470)
Ammo
Blue
C4SMF-BJF-CS44Q4S2
Any 4 consecutive sub-bins: S4 (1017) - U1 (1672)
Any 1 color bin from B4 (465) to B5 (475)
Ammo
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-sub-bin code and one color-bin code will be shipped on each reel. Selected single intensity-bin, single
color-bin codes will be orderable in certain quantities. For example, any four consecutive sub-bins from V1 to W2
mean only one intensity bin with four sub-bins of the following brightness ranges (V1-V4, V2-W1, V3-W2) will be
shipped by Cree. For example, any one-color bin from G7 to G9 means only one color bin (G7 or G23 or G8 or G45
or G9) will be shipped by Cree.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8 9