Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3914 Fiches technique(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM3914
Description  Dot/Bar Display Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3914 Fiches technique(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3914 Datasheet HTML 9Page - National Semiconductor (TI) LM3914 Datasheet HTML 10Page - National Semiconductor (TI) LM3914 Datasheet HTML 11Page - National Semiconductor (TI) LM3914 Datasheet HTML 12Page - National Semiconductor (TI) LM3914 Datasheet HTML 13Page - National Semiconductor (TI) LM3914 Datasheet HTML 14Page - National Semiconductor (TI) LM3914 Datasheet HTML 15Page - National Semiconductor (TI) LM3914 Datasheet HTML 16Page - National Semiconductor (TI) LM3914 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Typical Applications (Continued)
Operating with a High Voltage Supply (Dot Mode Only)
DS007970-13
The LED currents are approximately 10 mA, and the LM3914 outputs operate in saturation for minimum dissipation.
*This point is partially regulated and decreases in voltage with temperature. Voltage requirements of the LM3914 also decrease with temperature.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19