| Moteur de recherche de fiches techniques de composants électroniques |
|
DS1044 Fiches technique(PDF) 2 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS1044 Fiches technique(HTML) 2 Page - Dallas Semiconductor |
|
2 / 6 page ![]() DS1044 021798 2/6 LOGIC DIAGRAM Figure 1 TIME DELAY IN OUT ONE OF FOUR PART NUMBER DELAY TABLE (tPLH, tPHL) Table 1 PART NUMBER DELAY PER OUTPUT (ns) INITIAL TOLERANCE TOLERANCE OVER (temp and voltage) DS1044–5 5 ±1.5 ns ±1.0 ns DS1044–6 6 ±1.5 ns ±1.0 ns DS1044–7 7 ±1.5 ns ±1.0 ns DS1044–8 8 ±1.5 ns ±1.0 ns DS1044–10 10 ±1.5 ns ±1.0 ns DS1044–12 12 ±1.5 ns ±1.0 ns DS1044–14 14 ±1.5 ns ±1.5 ns DS1044–18 18 ±1.5 ns ±1.5 ns DS1044–20 20 ±1.5 ns ±1.5 ns DS1044–25 25 ±2.0 ns ±1.5 ns NOTES: 1. Nominal conditions are +25 °C and VCC=+5.0 volts. 2. Temperature range of 0 °C to 70°C and voltage range of 4.75 volts to 5.25 volts. 3. Delay accuracy are for both leading and trailing edges. |