| Moteur de recherche de fiches techniques de composants électroniques |
|
DM74LS375 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM74LS375 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF9830 February 1992 DM74LS375 4-Bit Latch General Description The ’LS375 is a 4-bit D-type latch for use as temporary stor- age for binary information between processing units and in- putoutput or indicator units When its Enable (E) input is HIGH a latch is transparent ie the Q output will follow the D input each time it changes When E is LOW a latch stores the last valid data present on the D input preceding the HIGH-to-LOW transition of E The ’LS375 is functionally identical to the ’LS75 except for the corner power pins Connection Diagram Dual-In-Line Package TLF9830 – 1 Logic Symbol TLF9830 – 2 VCC e Pin 16 GND e Pin 8 Order Number DM74LS375M or DM74LS375N See NS Package Number M16A or N16E Pin Name Description D1 – D4 Data Inputs E1 2 Latches 1 2 Enable Inputs E3 4 Latches 3 4 Enable Inputs Q1 – Q4 Latch Outputs Q1 – Q4 Complementary Latch Outputs C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
Numéro de pièce similaire - DM74LS375 |
|
Description similaire - DM74LS375 |