| Moteur de recherche de fiches techniques de composants électroniques |
|
HCPL260L Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HCPL260L Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard) |
|
2 / 14 page ![]() 6 − 105 These optocouplers are suitable for high speed logic interfacing, input/output buffering, as line receivers in environments that conventional line receivers cannot tolerate and are recommended for use in extremely high ground or induced noise environments. These optocouplers are available in an 8-pin DIP and industry standard SO-8 package. The part numbers are as follows: 8-pin DIP SO-8 Package HCPL-260L HCPL-060L HCPL-263L HCPL-063L Ordering Information Specify Part Number followed by Option Number (if desired). Example: HCPL-260L #XXX 060 = VDE 0884 VIORM = 630 Vpeak Option 500 = Tape and Reel Packaging Option Option data sheets available. Contact Agilent sales representative or authorized distributor for information. Schematic SHIELD 8 6 5 2+ 3 VF USE OF A 0.1 F BYPASS CAPACITOR CONNECTED BETWEEN PINS 5 AND 8 IS RECOMMENDED (SEE NOTE 5). – IF ICC VCC VO GND IO VE IE 7 HCPL-260L/060L SHIELD 8 7 + 2 VF1 – IF1 ICC VCC VO1 IO1 1 SHIELD 6 5 – 4 VF2 + IF2 VO2 GND IO2 3 HCPL-263L/063L 6章104-117(PDF用) 01.5.24, 4:23 PM Page 105 Adobe PageMaker 6.0J/PPC |