| Moteur de recherche de fiches techniques de composants électroniques |
|
HD64F3687 Fiches technique(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F3687 Fiches technique(HTML) 39 Page - Renesas Technology Corp |
|
39 / 504 page ![]() Rev. 3.00, 05/03, page 9 of 472 Pin No. Type Symbol FP-64E FP-64A I/O Functions I/O ports PB7 to PB0 1, 2, 59 to 64 Input 8-bit input port. P17 to P14, P12 to P10 51 to 54, 23 to 25 I/O 7-bit I/O port. P24 to P20 31, 44 to 47 I/O 5-bit I/O port. P37 to P30 15 to 18, 55 to 58 I/O 8-bit I/O port P57 to P50 13, 14, 19 to 22, 26* 2, 27*2 I/O 8-bit I/O port P67 to P60 32 to 34, 36, 37 to 40 I/O 8-bit I/O port P76 to P74, P72 to P70 28 to 30, 48 to 50 I/O 6-bit I/O port P87 to P85 41 to 43 I/O 3-bit I/O port. Notes: 1. These pins are only available for the I 2C bus interface in the H8/3687N. Since the I2C bus is disabled after canceling a reset, the ICE bit in ICCR1 must be set to 1 by using the program. 2. The P57 and P56 pins are not available in the H8/3687N. |