| Moteur de recherche de fiches techniques de composants électroniques |
|
DAP222M Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DAP222M Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 4 page ![]() DAN222M/DAN222/DAN202U/DAN202K Diodes DAP222M/DAP222/DAP202U/DAP202K DA227 2/3 Circuits DAN202K DAN202U DAN222 DAN222M DAP202K DAP202U DAP222 DAP222M DA227 (2) (3) (4) (1) Absolute maximum ratings (Ta=25 °C) Type Peak reverse voltage VRM (V) DC reverse voltage VR (V) Peak forward current IFM (mA) Surge current (1µs) Isurge (A) Mean rectifying current IO (mA) Power dissipation (TOTAL) Pd(mW) Junction temperature Tj (ºC) P / N Type 80 80 300 100 150 150 N DA227 4 DAN202K 80 80 300 100 4 200 150 N DAP202K 80 80 300 100 4 200 150 P DAN202U 80 80 300 100 4 200 150 N DAP202U 80 80 300 100 4 200 150 P DAN222 80 80 300 100 4 150 150 N DAP222 80 80 300 100 4 150 150 P DAN222M 80 80 300 100 4 150 100 N DAP222M 80 80 300 100 4 150 100 P Storage temperature Tstg (ºC) −55 to +150 −55 to +150 −55 to +150 −55 to +150 −55 to +150 −55 to +150 −55 to +150 −55 to +150 −55 to +150 Electrical characteristics (Ta=25 °C) Type Forward voltage Reverse current Capacitance between terminals Reverse recovery time Cond. VF (V) Max. CT (pF) Max. Cond. Cond. IR (µA) Max. trr (ns) Max. Cond. IF (mA) VR (V) f (MHz) VR (V) VR (V) IF (mA) DAN202K 1.2 100 0.1 70 3.5 6 1 4 6 5 DAP202K 1.2 100 0.1 70 3.5 6 1 4 6 5 DAN202U 1.2 100 0.1 70 3.5 6 1 4 6 5 DAP202U 1.2 100 0.1 70 3.5 6 1 4 6 5 DAN222 1.2 100 0.1 70 3.5 6 1 4 6 5 DAP222 1.2 100 0.1 70 3.5 6 1 4 6 5 DAN222M 1.2 100 0.1 70 3.5 6 1 4 6 5 DAP222M 1.2 100 0.1 70 3.5 6 1 4 6 5 1.2 100 0.1 70 3.5 6 1 4 6 5 DA227 |