| Moteur de recherche de fiches techniques de composants électroniques |
|
ASSR-301C Fiches technique(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ASSR-301C Fiches technique(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 7 page ![]() 2 Schematic ASSR-301C ASSR-302C 1 2 4 3 1 2 4 3 Opto-isolation 1 2 4 3 1 2 4 3 Equivalent Relay Diagram Opto-isolation Opto-isolation 1 2 3 4 8 7 6 5 1 2 8 7 3 4 6 5 Equivalent Opto-isolation Relay Diagram Ordering Information ASSR-xxxx is UL Recognized with 3750 Vrms for 1 minute per UL1577 and is approved under CSA Component Accept- ance Notice #5. Part number Option Package Surface Mount Gull Wing Tape & Reel Quantity RoHS Compliant ASSR-301C -003E SO-4 X 100 units per tube -503E X X 1500 units per reel ASSR-302C -002E 300 mil DIP-8 50 units per tube -302E X X 50 units per tube -502E X X X 1000 units per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ASSR-301C-503E to order product of Surface Mount SO-4 package in Tape and Reel packaging and RoHS Compli- ant. Example 2: ASSR-302C-002E to order product of 300mil DIP-8 package in tube packaging and RoHS Compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. |