| Moteur de recherche de fiches techniques de composants électroniques |
|
STW4510AET Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW4510AET Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 57 page ![]() Obsolete Product(s) - Obsolete Product(s) STw4510 Functional description 19/57 I2C interface modes Figure 5. Control interface: I2C format Figure 6. Control interface: I2C timing Note: Multi-write possibility is not available. For each data it is mandatory to send the address first. Table 9. Register data b7 b6 b5 b4 b3 b2 b1 b0 DATA7 DATA6 DATA5 DATA4 DATA3 DATA2 DATA1 DATA0 DEVICE ADDRESS 0 1 0 1 1 1 A 0 REGn ADDRESS REGn Data In WRITE SINGLE BYTE START ACK ACK ACK STOP DEVICE ADDRESS 0 1 0 1 1 1 A 0 REGn ADDRESS START ACK ACK DEVICE ADDRESS 0 1 0 1 1 1 A 1 REGn Data Out START ACK NO ACK RANDOM ADDR SINGLE BYTE READ DEVICE ADDRESS 0 1 0 1 1 1 A 0 REGn ADDRESS START ACK ACK DEVICE ADDRESS 0 1 0 1 1 1 A 1 START Reg n Data Out ACK NO ACK STOP m+1 data bytes ACK Reg n + m Data Out RANDOM ADDR MULTI BYTE READ ACK Stop Start repeated Stop tbuf thd_sta tf tlow tr thigh thd_dat tsu_dat Start SDA SCL tsu_sta thd_sta tsu_sto |