Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3813 Fiches technique(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM3813
Description  Precision Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3813 Fiches technique(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3813 Datasheet HTML 6Page - National Semiconductor (TI) LM3813 Datasheet HTML 7Page - National Semiconductor (TI) LM3813 Datasheet HTML 8Page - National Semiconductor (TI) LM3813 Datasheet HTML 9Page - National Semiconductor (TI) LM3813 Datasheet HTML 10Page - National Semiconductor (TI) LM3813 Datasheet HTML 11Page - National Semiconductor (TI) LM3813 Datasheet HTML 12Page - National Semiconductor (TI) LM3813 Datasheet HTML 13Page - National Semiconductor (TI) LM3813 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Look-Up Tables
The following tables show how to convert the duty cycle of
the PWM output to a current value, and vice versa. The
quantization error of 1⁄2 bit is not shown in these tables.
Please see the “PWM Output and Current Accuracy” section
for more details.
TABLE 1. Current to Duty Cycle Conversion Table
Sense Current
(Amps)*
Duty Cycle
(%)
Sense Current
(Amps)*
Duty Cycle
(%)
1.00
95.5
-1.00
4.5
0.95
93.2
-0.95
6.8
0.90
90.9
-0.90
9.1
0.85
88.6
-0.85
11.4
0.80
86.4
-0.80
13.6
0.75
84.1
-0.75
15.9
0.70
81.8
-0.70
18.2
0.65
79.5
-0.65
20.5
0.60
77.3
-0.60
22.7
0.55
75.0
-0.55
25.0
0.50
72.7
-0.50
27.3
0.45
70.5
-0.45
29.5
0.40
68.2
-0.40
31.8
0.35
65.9
-0.35
34.1
0.30
63.6
-0.30
36.4
0.25
61.4
-0.25
38.6
0.20
59.1
-0.20
40.9
0.15
56.8
-0.15
43.2
0.10
54.5
-0.10
45.5
0.05
52.3
-0.05
47.7
0.00
50.0
-0.00
50.0
*Maximum Sense Current = 1.0 Amps for LM3812-1.0 and LM3813-1.0.
The sense current should be multiplied by 10 for LM3812-7.0 and LM3813-7.0.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14