Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AEW01CC48 Fiches technique(PDF) 34 Page - Astec America, Inc

No de pièce AEW01CC48
Description  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTEC [Astec America, Inc]
Site Internet  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW01CC48 Fiches technique(HTML) 34 Page - Astec America, Inc

Back Button AEW01CC48 Datasheet HTML 30Page - Astec America, Inc AEW01CC48 Datasheet HTML 31Page - Astec America, Inc AEW01CC48 Datasheet HTML 32Page - Astec America, Inc AEW01CC48 Datasheet HTML 33Page - Astec America, Inc AEW01CC48 Datasheet HTML 34Page - Astec America, Inc AEW01CC48 Datasheet HTML 35Page - Astec America, Inc AEW01CC48 Datasheet HTML 36Page - Astec America, Inc AEW01CC48 Datasheet HTML 37Page - Astec America, Inc AEW01CC48 Datasheet HTML 38Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
34
z ON/OFF control can be realized through mechanical switcher or transistor
z In the isolated appliction, CNT control can be realized through optoisolator or
relay.
z It is recommended to parallel a 0.1 F capacitor to remove the interference
when the control line is too long.
z When not use CNT function, connect CNT with +Vin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46