| Moteur de recherche de fiches techniques de composants électroniques |
|
LM3701 Fiches technique(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM3701 Fiches technique(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 12 page ![]() Ordering Information 20011404 *For other voltages between 2.2V and 5.0V, please contact National Semiconductor sales office. LM3700/LM3701 Part Number Output Reset Timeout Period Package Marking LM3700XCBP-308 totem-pole 200ms %%I0 LM3700XCBPX-308 totem-pole 200ms %%I0 LM3701XCBP-308 totem-pole 200ms %%I1 LM3701XCBPX-308 totem-pole 200ms %%I1 %% is the datecode and will vary with time. Table Of Functions Part Number Active Low Reset Active High Reset Output (X = totem-pole) (Y = open-drain) Reset Timeout Period Low Line Output LM3700 x X, Y* Customized x LM3701 x X Customized x * = available upon request. Contact National www.national.com 4 |