| Moteur de recherche de fiches techniques de composants électroniques |
|
RRL035P03FRA Fiches technique(PDF) 3 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
RRL035P03FRA Fiches technique(HTML) 3 Page - Rohm |
|
3 / 14 page ![]() www.rohm.com © 2012 ROHM Co., Ltd. All rights reserved. Data Sheet RRL035P03 - 1.2 V A Inverse diode continuous, forward current IS *1 Ta = 25°C - - 0.8 Forward voltage VSD *5 VGS = 0V, Is = 3.5A - Total gate charge Qg *5 VDD 15V, I D= 3.5A VGS = 5V - 8.0 - zBody diode electrical characteristics (Source-Drain)(T a = 25°C) Parameter Symbol Conditions Values Unit Min. Typ. Max. - 2.5 - Gate - Drain charge Qgd *5 - 3.0 - Gate - Source charge Qgs *5 VDD 15V, I D= 3.5A VGS = 5V - zGate Charge characteristics(T a = 25°C) Parameter Symbol Conditions Values Unit Min. Typ. Max. Turn - on delay time td(on) *5 VDD 15V, V GS = 10V - 7 - ns Rise time tr *5 ID = 1.7A - 9 - Turn - off delay time td(off) *5 RL = 8.8 : - 75 - Fall time tf *5 RG = 10 : - 40 Input capacitance Ciss VGS = 0V - 800 - - 110 - VDD 15V, I D= 3.5A VGS = 10V - 14 - nC zElectrical characteristics(T a = 25°C) Parameter Symbol Conditions Values Unit Min. Typ. Max. pF Output capacitance Coss VDS = 10V - 120 - Reverse transfer capacitance Crss f = 1MHz 3/11 2012.09 - Rev.B FRA 2016.06 - Rev.B |