Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MGC3030 Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce MGC3030
Description  Audio Products
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Fiches technique(HTML) 2 Page - Microchip Technology

  MGC3030 Datasheet HTML 1Page - Microchip Technology MGC3030 Datasheet HTML 2Page - Microchip Technology MGC3030 Datasheet HTML 3Page - Microchip Technology MGC3030 Datasheet HTML 4Page - Microchip Technology MGC3030 Datasheet HTML 5Page - Microchip Technology MGC3030 Datasheet HTML 6Page - Microchip Technology MGC3030 Datasheet HTML 7Page - Microchip Technology MGC3030 Datasheet HTML 8Page - Microchip Technology MGC3030 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
MGC3030/3130
DS40001667D-page 2
Advance Information
 2012-2015 Microchip Technology Inc.
TABLE 1:
MGC3X30 AVAILABLE PACKAGES
Part number
Available Package
Pins
Contact/Lead Pitch
Dimensions
MGC3030
SSOP
28
0.65
7.80x10.50
MGC3130
QFN
28
0.5
5x5
Note:
All dimensions are in millimeters (mm)
unless specified.
TABLE 2:
MGC3X30 FEATURE OVERVIEW
MGC3030
Yes
No
Yes
No
Yes
Yes
5
5
1
MGC3130
Yes
Yes
Yes
No
Yes
Yes
5
5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50