| Moteur de recherche de fiches techniques de composants électroniques |
|
LM35C Fiches technique(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM35C Fiches technique(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 13 page ![]() Absolute Maximum Ratings (Note 10) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Supply Voltage +35V to −0.2V Output Voltage +6V to −1.0V Output Current 10 mA Storage Temp.; TO-46 Package, −60˚C to +180˚C TO-92 Package, −60˚C to +150˚C SO-8 Package, −65˚C to +150˚C TO-220 Package, −65˚C to +150˚C Lead Temp.: TO-46 Package, (Soldering, 10 seconds) 300˚C TO-92 and TO-220 Package, (Soldering, 10 seconds) 260˚C SO Package (Note 12) Vapor Phase (60 seconds) 215˚C Infrared (15 seconds) 220˚C ESD Susceptibility (Note 11) 2500V Specified Operating Temperature Range: T MIN to T MAX (Note 2) LM35, LM35A −55˚C to +150˚C LM35C, LM35CA −40˚C to +110˚C LM35D 0˚C to +100˚C Electrical Characteristics (Notes 1, 6) LM35A LM35CA Parameter Conditions Tested Design Tested Design Units Typical Limit Limit Typical Limit Limit (Max.) (Note 4) (Note 5) (Note 4) (Note 5) Accuracy T A=+25˚C ±0.2 ±0.5 ±0.2 ±0.5 ˚C (Note 7) T A=−10˚C ±0.3 ±0.3 ±1.0 ˚C T A=TMAX ±0.4 ±1.0 ±0.4 ±1.0 ˚C T A=TMIN ±0.4 ±1.0 ±0.4 ±1.5 ˚C Nonlinearity T MIN≤TA≤TMAX ±0.18 ±0.35 ±0.15 ±0.3 ˚C (Note 8) Sensor Gain T MIN≤TA≤TMAX +10.0 +9.9, +10.0 +9.9, mV/˚C (Average Slope) +10.1 +10.1 Load Regulation T A=+25˚C ±0.4 ±1.0 ±0.4 ±1.0 mV/mA (Note 3) 0 ≤I L≤1mA T MIN≤TA≤TMAX ±0.5 ±3.0 ±0.5 ±3.0 mV/mA Line Regulation T A=+25˚C ±0.01 ±0.05 ±0.01 ±0.05 mV/V (Note 3) 4V ≤V S≤30V ±0.02 ±0.1 ±0.02 ±0.1 mV/V Quiescent Current V S=+5V, +25˚C 56 67 56 67 µA (Note 9) V S=+5V 105 131 91 114 µA V S=+30V, +25˚C 56.2 68 56.2 68 µA V S=+30V 105.5 133 91.5 116 µA Change of 4V ≤V S≤30V, +25˚C 0.2 1.0 0.2 1.0 µA Quiescent Current 4V ≤V S≤30V 0.5 2.0 0.5 2.0 µA (Note 3) Temperature +0.39 +0.5 +0.39 +0.5 µA/˚C Coefficient of Quiescent Current Minimum Temperature In circuit of +1.5 +2.0 +1.5 +2.0 ˚C for Rated Accuracy Figure 1,I L=0 Long Term Stability T J=TMAX, for ±0.08 ±0.08 ˚C 1000 hours www.national.com 3 |