| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6V94 Fiches technique(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6V94 Fiches technique(HTML) 39 Page - Microchip Technology |
|
39 / 48 page ![]() 2015-2016 Microchip Technology Inc. DS20005434B-page 39 MCP6V91/1U/2/4 RECOMMENDED LAND PATTERN Dimension Limits Units Optional Center Pad Width Optional Center Pad Length Contact Pitch Y2 X2 1.80 1.65 MILLIMETERS 0.50 BSC MIN E MAX Contact Pad Length (X8) Contact Pad Width (X8) Y1 X1 0.85 0.25 Microchip Technology Drawing No. C04-129-MNY Rev. A NOM 8-Lead Plastic Dual Flat, No Lead Package (MNY) – 2x3x0.75mm Body [TDFN] 12 8 C Contact Pad Spacing 2.90 Thermal Via Diameter V Thermal Via Pitch EV 0.30 1.00 BSC: Basic Dimension. Theoretically exact value shown without tolerances. Notes: Dimensioning and tolerancing per ASME Y14.5M For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during reflow process 1. 2. For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: C E X1 Y1 Y2 X2 EV EV ØV SILK SCREEN |