Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6V91 Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce MCP6V91
Description  Temperature Measurement
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V91 Fiches technique(HTML) 39 Page - Microchip Technology

Back Button MCP6V91 Datasheet HTML 35Page - Microchip Technology MCP6V91 Datasheet HTML 36Page - Microchip Technology MCP6V91 Datasheet HTML 37Page - Microchip Technology MCP6V91 Datasheet HTML 38Page - Microchip Technology MCP6V91 Datasheet HTML 39Page - Microchip Technology MCP6V91 Datasheet HTML 40Page - Microchip Technology MCP6V91 Datasheet HTML 41Page - Microchip Technology MCP6V91 Datasheet HTML 42Page - Microchip Technology MCP6V91 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
 2015-2016 Microchip Technology Inc.
DS20005434B-page 39
MCP6V91/1U/2/4
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Optional Center Pad Width
Optional Center Pad Length
Contact Pitch
Y2
X2
1.80
1.65
MILLIMETERS
0.50 BSC
MIN
E
MAX
Contact Pad Length (X8)
Contact Pad Width (X8)
Y1
X1
0.85
0.25
Microchip Technology Drawing No. C04-129-MNY Rev. A
NOM
8-Lead Plastic Dual Flat, No Lead Package (MNY) – 2x3x0.75mm Body [TDFN]
12
8
C
Contact Pad Spacing
2.90
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
C
E
X1
Y1
Y2
X2
EV
EV
ØV
SILK SCREEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48