Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6V64 Fiches technique(PDF) 26 Page - Microchip Technology

No de pièce MCP6V64
Description  Portable Instrumentation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V64 Fiches technique(HTML) 26 Page - Microchip Technology

Back Button MCP6V64 Datasheet HTML 22Page - Microchip Technology MCP6V64 Datasheet HTML 23Page - Microchip Technology MCP6V64 Datasheet HTML 24Page - Microchip Technology MCP6V64 Datasheet HTML 25Page - Microchip Technology MCP6V64 Datasheet HTML 26Page - Microchip Technology MCP6V64 Datasheet HTML 27Page - Microchip Technology MCP6V64 Datasheet HTML 28Page - Microchip Technology MCP6V64 Datasheet HTML 29Page - Microchip Technology MCP6V64 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
MCP6V61/1U/2/4
DS20005367B-page 26
 2014-2015 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
5-Lead SC70 (MCP6V61U)
Example
5-Lead SOT-23 (MCP6V61, MCP6V61U)
Example
Device
Code
MCP6V61T-E/OT
AAAWY
MCP6V61UT-E/OT
AAAXY
DT56
AAAW4
42256
Device
Code
MCP6V61UT-E/LTY
DTNN
8-Lead MSOP (3x3 mm) (MCP6V62)
Example
6V62E
542256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46