Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LR8 Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce LR8
Description  Motor controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR8 Fiches technique(HTML) 9 Page - Microchip Technology

Back Button LR8 Datasheet HTML 5Page - Microchip Technology LR8 Datasheet HTML 6Page - Microchip Technology LR8 Datasheet HTML 7Page - Microchip Technology LR8 Datasheet HTML 8Page - Microchip Technology LR8 Datasheet HTML 9Page - Microchip Technology LR8 Datasheet HTML 10Page - Microchip Technology LR8 Datasheet HTML 11Page - Microchip Technology LR8 Datasheet HTML 12Page - Microchip Technology LR8 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2015 Microchip Technology Inc.
DS20005399A-page 9
LR8
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Legend: XX...X
Product Code or Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for product code or customer-specific information. Package may or
not include the corporate logo.
3
e
3
e
3-lead TO-243AA *
(SOT-89)
Example
XXXYYWW
NNN
LR8516
343
3-lead TO-92
YWWNNN
XXXXXX
XXXX e3
Example
516343
LR8
N3 e3
3-lead TO-252
(D-PAK)
Example
YYWWNNN
XXXXX
XXXX
e3
1516343
8K4
LR
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16