| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN89730 Fiches technique(PDF) 116 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN89730 Fiches technique(HTML) 116 Page - Microchip Technology |
|
116 / 218 page ![]() LAN89730 DS60001348A-page 116 2013-2015 Microchip Technology Inc. FIGURE 5-2: PME OPERATION Wakeup Event Detected By Device? Host & Chipset Powered Off Device Asserts PME True False EC Sets PME_MODE_SEL = 1 And Pulses PME_CLEAR Low Device Has EEPROM With GPIO PME Enable =1, Enters PME Mode EC Detects PME EC To Wake System To Process Wakeup Event? EC Asserts PME_CLEAR Device Resets And Deasserts PME EC Sets PME_MODE_SEL = 0 And Asserts PME_CLEAR EC Signals Enable To Host Device Resets And Deasserts PME Device Connects To USB Bus Device Is In Normal Operation Yes No |