| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN89730 Fiches technique(PDF) 113 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN89730 Fiches technique(HTML) 113 Page - Microchip Technology |
|
113 / 218 page ![]() 2013-2015 Microchip Technology Inc. DS60001348A-page 113 LAN89730 5.0 PME OPERATION The device provides a mechanism for waking up a host system via PME Mode of operation. PME signaling is only avail- able while the device is operating in the self-powered mode. Figure 5-1 illustrates a typical application. FIGURE 5-1: TYPICAL APPLICATION LAN89730 Embedded Controller Chipset HSIC PME PME_MODE_SEL Enable HC PME_CLEAR EEPROM Host Processor |