Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9250 Fiches technique(PDF) 203 Page - Microchip Technology

No de pièce LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Fiches technique(HTML) 203 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 199Page - Microchip Technology LAN9250 Datasheet HTML 200Page - Microchip Technology LAN9250 Datasheet HTML 201Page - Microchip Technology LAN9250 Datasheet HTML 202Page - Microchip Technology LAN9250 Datasheet HTML 203Page - Microchip Technology LAN9250 Datasheet HTML 204Page - Microchip Technology LAN9250 Datasheet HTML 205Page - Microchip Technology LAN9250 Datasheet HTML 206Page - Microchip Technology LAN9250 Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 203
LAN9250
0
Flow Control Busy (FCBSY)
In full-duplex mode, this bit indicates that the Host MAC is in the process of
sending a PAUSE control frame. This bit is set by the automatic flow control
function.
During the transmission of the control frame, this bit continues to be set, sig-
nifying that a frame transmission is in progress. After the PAUSE control
frame’s transmission is complete, the Host MAC resets the bit to 0.
The host software should read a logical 0 from this bit before writing to the
Host MAC Flow Control (HMAC_FLOW) register.
R/W
SC
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More