Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9250 Fiches technique(PDF) 61 Page - Microchip Technology

No de pièce LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Fiches technique(HTML) 61 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 57Page - Microchip Technology LAN9250 Datasheet HTML 58Page - Microchip Technology LAN9250 Datasheet HTML 59Page - Microchip Technology LAN9250 Datasheet HTML 60Page - Microchip Technology LAN9250 Datasheet HTML 61Page - Microchip Technology LAN9250 Datasheet HTML 62Page - Microchip Technology LAN9250 Datasheet HTML 63Page - Microchip Technology LAN9250 Datasheet HTML 64Page - Microchip Technology LAN9250 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 61
LAN9250
Note 1:
The combined host interface strap chart is as follows:
TABLE 7-3:
HBI STRAP MAPPING
MNGT1
MNGT0
MNGT3
MNGT2
Host Mode
0
0
X
X
SPI
0100
HBI Multiplexed 1 Phase 8-bit
0101
HBI Multiplexed 1 Phase 16-bit
0110
HBI Multiplexed 2 Phase 8-bit
0111
HBI Multiplexed 2 Phase 16-bit
1
0
X
X
HBI Indexed 8-bit
1
1
X
X
HBI Indexed 16-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More