| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN9250 Fiches technique(PDF) 160 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9250 Fiches technique(HTML) 160 Page - Microchip Technology |
|
160 / 421 page ![]() LAN9250 DS00001913A-page 160 2015 Microchip Technology Inc. The host proceeds to write the TX command by first writing TX command ‘A’, then TX command ‘B’. After writing the command, the host can then move the payload data into the TX FIFO. TX status DWORDs are stored in the TX Status FIFO to be read by the host at a later time upon completion of the data transmission onto the wire. FIGURE 11-10: SIMPLIFIED HOST TX FLOW DIAGRAM Not Last Buffer Idle Check available FIFO space init Write Buffer Last Buffer in Packet TX Status Available Write TX Command Write Start Padding (optional) Read TX Status (optional) |