| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN9250 Fiches technique(PDF) 155 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9250 Fiches technique(HTML) 155 Page - Microchip Technology |
|
155 / 421 page ![]() 2015 Microchip Technology Inc. DS00001913A-page 155 LAN9250 FIGURE 11-8: TX EXAMPLE ILLUSTRATING A PREPENDED TX CHECKSUM PREAMBLE TX Command 'A' Pad DWORD 1 TX Command 'A' TX Command 'B' 10-Byte End Offset Padding Payload Fragment 2 TX Command 'A' TX Command 'B' Data Written to the Device Payload Fragment 3 TX Command 'A' TX Command 'B' TX Checksum Preamble NOTE: The TX Checksum Preamble is pre-pended to data to be transmitted. FS is set in TX Command 'A' and CK is set in TX Command 'B'. No start offset may be added. FS must not be set for subsequent fragments of the same packet. TX Command 'B' Payload Fragment 1 |