Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9250 Fiches technique(PDF) 279 Page - Microchip Technology

No de pièce LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Fiches technique(HTML) 279 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 275Page - Microchip Technology LAN9250 Datasheet HTML 276Page - Microchip Technology LAN9250 Datasheet HTML 277Page - Microchip Technology LAN9250 Datasheet HTML 278Page - Microchip Technology LAN9250 Datasheet HTML 279Page - Microchip Technology LAN9250 Datasheet HTML 280Page - Microchip Technology LAN9250 Datasheet HTML 281Page - Microchip Technology LAN9250 Datasheet HTML 282Page - Microchip Technology LAN9250 Datasheet HTML 283Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 279
LAN9250
12.2.18.37 PHY Vendor Specific MMD 1 Status Register (PHY_VEND_SPEC_MMD1_STAT)
Index (In Decimal): 30.8
Size:
16 bits
Bits
Description
Type
Default
15:14
Device Present
00 = No device responding at this address
01 = No device responding at this address
10 = Device responding at this address
11 = No device responding at this address
RO
10b
13:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More