Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C4SMA-RGF-CT24QBB1 Fiches technique(PDF) 5 Page - Cree, Inc

No de pièce C4SMA-RGF-CT24QBB1
Description  Cree Screen Master 4-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMA-RGF-CT24QBB1 Fiches technique(HTML) 5 Page - Cree, Inc

  C4SMA-RGF-CT24QBB1 Datasheet HTML 1Page - Cree, Inc C4SMA-RGF-CT24QBB1 Datasheet HTML 2Page - Cree, Inc C4SMA-RGF-CT24QBB1 Datasheet HTML 3Page - Cree, Inc C4SMA-RGF-CT24QBB1 Datasheet HTML 4Page - Cree, Inc C4SMA-RGF-CT24QBB1 Datasheet HTML 5Page - Cree, Inc C4SMA-RGF-CT24QBB1 Datasheet HTML 6Page - Cree, Inc C4SMA-RGF-CT24QBB1 Datasheet HTML 7Page - Cree, Inc C4SMA-RGF-CT24QBB1 Datasheet HTML 8Page - Cree, Inc C4SMA-RGF-CT24QBB1 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
5
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
5
Cree 4-mm Oval LED
C4SMA-RGF/GGF/BGF
ORDER CODE TABLE*
C4SMA-BGF
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max.
(nm)
Blue
C4SMA-BGF-CR2T3351
605
1415
B4
465
B67
477.5
Bulk
Blue
C4SMA-BGF-CR34Q3C1
Any 4 consecutive sub-bins: R3(660) - S4(1100)
Any 1 color bin from B4 (465) to B67 (477.5)
Bulk
Blue
C4SMA-BGF-CR44Q3C1
Any 4 consecutive sub-bins: R4(715) - T1(1205)
Any 1 color bin from B4 (465) to B67 (477.5)
Bulk
Blue
C4SMA-BGF-CR2T3352
605
1415
B4
465
B67
477.5
Ammo
Blue
C4SMA-BGF-CR34Q3C2
Any 4 consecutive sub-bins: R3(660) - S4(1100)
Any 1 color bin from B4 (465) to B67 (477.5)
Ammo
Blue
C4SMA-BGF-CR44Q3C2
Any 4 consecutive sub-bins: R4(715) - T1(1205)
Any 1 color bin from B4 (465) to B67 (477.5)
Ammo
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-sub-bin code and one color-bin code will be shipped on each reel. Selected single intensity-bin, single
color-bin codes will be orderable in certain quantities. For example, any four consecutive sub-bins from V1 to W2
mean only one intensity bin with four sub-bins of the following brightness ranges (V1-V4, V2-W1, V3-W2) will be
shipped by Cree. For example, any one-color bin from G7 to G9 means only one color bin (G7 or G23 or G8 or G45
or G9) will be shipped by Cree.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8 9