| Moteur de recherche de fiches techniques de composants électroniques |
|
C4SMA-RGF-CS4V1BB1 Fiches technique(PDF) 4 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMA-RGF-CS4V1BB1 Fiches technique(HTML) 4 Page - Cree, Inc |
|
4 / 9 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 4 Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 4 Cree 4-mm Oval LED C4SMA-RGF/GGF/BGF ORDER CODE TABLE* C4SMA-RGF Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red C4SMA-RGF-CS4V1BB1 1017 2347 RB 619 RB 624 Bulk Red C4SMA-RGF-CT24QBB1 Any 4 consecutive sub-bins: T2(1205) - U3(1976) RB 619 RB 624 Bulk Red C4SMA-RGF-CT34QBB1 Any 4 consecutive sub-bins: T3(1310) - U4(2130) RB 619 RB 624 Bulk Red C4SMA-RGF-CS4V1BB2 1017 2347 RB 619 RB 624 Ammo Red C4SMA-RGF-CT24QBB2 Any 4 consecutive sub-bins: T2(1205) - U3(1976) RB 619 RB 624 Ammo Red C4SMA-RGF-CT34QBB2 Any 4 consecutive sub-bins: T3(1310) - U4(2130) RB 619 RB 624 Ammo C4SMA-GGF Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Green C4SMA-GGF-CU2W3791 1672 3885 G7 520 G9 535 Bulk Green C4SMA-GGF-CU44Q7C1 Any 4 consecutive sub-bins: U4(1976) - W1(3295) Any 1 color bin from G7 (520) to G9 (535) Bulk Green C4SMA-GGF-CV14Q7C1 Any 4 consecutive sub-bins: V1(2130) - W2(3590) Any 1 color bin from G7 (520) to G9 (535) Bulk Green C4SMA-GGF-CU2W3792 1672 3885 G7 520 G9 535 Ammo Green C4SMA-GGF-CU44Q7C2 Any 4 consecutive sub-bins: U4(1976) - W1(3295) Any 1 color bin from G7 (520) to G9 (535) Ammo Green C4SMA-GGF-CV14Q7C2 Any 4 consecutive sub-bins: V1(2130) - W2(3590) Any 1 color bin from G7 (520) to G9 (535) Ammo |