Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IS1678 Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce IS1678
Description  Bluetooth짰 Dual-Mode SoC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1678 Fiches technique(HTML) 2 Page - Microchip Technology

  IS1678 Datasheet HTML 1Page - Microchip Technology IS1678 Datasheet HTML 2Page - Microchip Technology IS1678 Datasheet HTML 3Page - Microchip Technology IS1678 Datasheet HTML 4Page - Microchip Technology IS1678 Datasheet HTML 5Page - Microchip Technology IS1678 Datasheet HTML 6Page - Microchip Technology IS1678 Datasheet HTML 7Page - Microchip Technology IS1678 Datasheet HTML 8Page - Microchip Technology IS1678 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
IS1678
DS60001386A-Page 2
Advance Information
 2016 Microchip Technology Inc.
General Description
The IS1678S/SM is a certified, Bluetooth version 4.2
(BR/EDR/LE) SoC that enables the user to easily add
dual-mode Bluetooth wireless capability to their
products. The IS1678 SoC is available in ROM-based
(IS1678S) and Flash-based (IS1678SM) variants.
Refer to Section 10.0 “Ordering Information” for
additional information on the IS1678 variants.
The IS1678 bridges the customer product to smart
phones or tablets for convenient data transfer, control,
access to cloud applications, and delivering local
connectivity for IoT. It also supports GAP, SDP, SPP,
and GATT profiles. Data transfer is achieved over the
Bluetooth link by sending and receiving data through
transparent UART mode, making it easy to integrate
any microprocessor or microcontroller with UART
interface. The configuration is done by using a UI Tool,
a Windows-based utility or directly by an MCU through
UART.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54