Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIC4607 Fiches technique(PDF) 22 Page - Microchip Technology

No de pièce MIC4607
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607 Fiches technique(HTML) 22 Page - Microchip Technology

Back Button MIC4607 Datasheet HTML 18Page - Microchip Technology MIC4607 Datasheet HTML 19Page - Microchip Technology MIC4607 Datasheet HTML 20Page - Microchip Technology MIC4607 Datasheet HTML 21Page - Microchip Technology MIC4607 Datasheet HTML 22Page - Microchip Technology MIC4607 Datasheet HTML 23Page - Microchip Technology MIC4607 Datasheet HTML 24Page - Microchip Technology MIC4607 Datasheet HTML 25Page - Microchip Technology MIC4607 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
MIC4607
DS20005610A-page 22
 2016 Microchip Technology Inc.
5.7.3
FLT/
This open-drain output is pulled low while the gate drive
outputs are latched off after an over-current condition.
It will de-assert once the DLY pin has reached the
VDLY+ threshold and a rising edge occurs on any LI pin
(for the MIC4607-1) or a falling edge on any PWM pin
(MIC4607-2).
During normal operation, the internal pull-down MOS-
FET is of the pin is high impedance. A pull-up resistor
must be connected to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42