Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ELM329LP Fiches technique(PDF) 2 Page - ELM Electronics

No de pièce ELM329LP
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ELM [ELM Electronics]
Site Internet  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LP Fiches technique(HTML) 2 Page - ELM Electronics

  ELM329LP Datasheet HTML 1Page - ELM Electronics ELM329LP Datasheet HTML 2Page - ELM Electronics ELM329LP Datasheet HTML 3Page - ELM Electronics ELM329LP Datasheet HTML 4Page - ELM Electronics ELM329LP Datasheet HTML 5Page - ELM Electronics ELM329LP Datasheet HTML 6Page - ELM Electronics ELM329LP Datasheet HTML 7Page - ELM Electronics ELM329LP Datasheet HTML 8Page - ELM Electronics ELM329LP Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
ELM329L
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
2 of 87
ELM329L DSA
The Basics
Description................................................................................... 1
Features....................................................................................... 1
Applications..................................................................................1
Block Diagram..............................................................................1
Connection Diagram.................................................................... 1
Pin Descriptions........................................................................... 4
Unused Pins.................................................................................6
Absolute Maximum Ratings......................................................... 7
Electrical Characteristics..............................................................7
Using the ELM329
Overview...................................................................................... 9
Communicating with the ELM329................................................ 9
AT Commands........................................................................... 11
AT Command Summary.............................................................11
AT Command Descriptions........................................................ 13
Reading the Battery Voltage...................................................... 27
OBD Commands........................................................................ 28
Talking to the Vehicle.................................................................29
Interpreting Trouble Codes........................................................ 31
Resetting Trouble Codes........................................................... 32
Quick Guide for Reading Trouble Codes................................... 32
Selecting Protocols.................................................................... 33
OBD Message Formats..............................................................34
Setting the Header / ID Bits........................................................36
ISO 15765-4 Message Types.................................................... 38
Multiline Responses................................................................... 39
Multiple PID Requests................................................................40
Receive Filtering - the CRA command.......................................41
Using the Mask and Filter.......................................................... 42
Monitoring the Bus..................................................................... 43
Mixed ID (11 and 29 bit) Sending...............................................44
Restoring Order..........................................................................45
Advanced Features
Using Higher RS232 Baud Rates...............................................46
Setting Timeouts - the AT ST and AT AT Commands............... 48
SAE J1939 Messages................................................................49
Using J1939............................................................................... 51
The FMS Standard.....................................................................55
The NMEA 2000 Standard......................................................... 55
Periodic (Wakeup) Messages.................................................... 56
Altering Flow Control Messages................................................ 57
Using CAN Extended Addresses............................................... 58
CAN Input Frequency Matching................................................. 59
CAN (Single Wire) Transceiver Modes...................................... 60
Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87