Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ELM327LP Fiches technique(PDF) 2 Page - ELM Electronics

No de pièce ELM327LP
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ELM [ELM Electronics]
Site Internet  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LP Fiches technique(HTML) 2 Page - ELM Electronics

  ELM327LP Datasheet HTML 1Page - ELM Electronics ELM327LP Datasheet HTML 2Page - ELM Electronics ELM327LP Datasheet HTML 3Page - ELM Electronics ELM327LP Datasheet HTML 4Page - ELM Electronics ELM327LP Datasheet HTML 5Page - ELM Electronics ELM327LP Datasheet HTML 6Page - ELM Electronics ELM327LP Datasheet HTML 7Page - ELM Electronics ELM327LP Datasheet HTML 8Page - ELM Electronics ELM327LP Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 94 page
background image
ELM327L
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
2 of 94
ELM327L DSA
Contents
The Basics
Description................................................................................... 1
Features....................................................................................... 1
Applications..................................................................................1
Block Diagram..............................................................................1
Connection Diagram.................................................................... 1
Pin Descriptions........................................................................... 4
ELM327L Unused Pins................................................................ 6
ELM327L Absolute Maximum Ratings......................................... 7
ELM327L Electrical Characteristics............................................. 7
Using the ELM327
Overview...................................................................................... 9
Communicating with the ELM327................................................ 9
AT Commands........................................................................... 11
AT Command Summary.............................................................11
AT Command Descriptions........................................................ 13
Reading the Battery Voltage...................................................... 30
OBD Commands........................................................................ 31
Talking to the Vehicle.................................................................32
Bus Initiation...............................................................................34
Interpreting Trouble Codes........................................................ 35
Resetting Trouble Codes........................................................... 36
Quick Guide for Reading Trouble Codes................................... 36
Selecting Protocols.................................................................... 37
OBD Message Formats..............................................................39
Setting the Headers................................................................... 40
Multiline Responses................................................................... 43
CAN Message Types................................................................. 45
Multiple PID Requests................................................................46
Response Pending Messages................................................... 46
CAN Receive Filtering - the CRA command.............................. 47
Using the CAN Mask and Filter..................................................48
Monitoring the Bus..................................................................... 49
Restoring Order..........................................................................50
Advanced Features
Using Higher RS232 Baud Rates...............................................51
Setting Timeouts - the AT ST and AT AT Commands............... 53
SAE J1939 Messages................................................................54
Using J1939............................................................................... 56
The FMS Standard.....................................................................59
The NMEA 2000 Standard......................................................... 60
Periodic (Wakeup) Messages.................................................... 60
Altering Flow Control Messages................................................ 61
Using CAN Extended Addresses............................................... 62
CAN Input Frequency Matching................................................. 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94