Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2CL71A Fiches technique(PDF) 2 Page - American Microsemiconductor

No de pièce 2CL71A
Description  GERMANIUM PNP MESA TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMMSEMI [American Microsemiconductor]
Site Internet  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

2CL71A Fiches technique(HTML) 2 Page - American Microsemiconductor

  2CL71A Datasheet HTML 1Page - American Microsemiconductor 2CL71A Datasheet HTML 2Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A d v a n c i n g t h e S e m i c o n d u c t o r I n d u s t r y S i n c e 1 9 7 2
2CL Series
High Voltage Rectifier Series
© 2013 American Microsemiconductor, Inc.
Specifications are subject to change without notice.
Aerospace Mgmt. Sys. Cert.
AS/EN/JISQ9100:2009 Rev. C
ISO9001:2008
Cert No. 45325
133 Kings Road,
Madison, New Jersey 07940
United States of America
Tel. 1-973-377-9566, Fax. 1-973-377-3078
www.americanmicrosemi.com
Document Page 2 of 4
Revised 06/2013
CL01-12
22
7.5
25.0 Min
0.8±
CL01-15
22
7.5
25.0 Min
0.8±
CL04-09
22
7.5
25.0 Min
0.8±
CL04-12
22
7.5
25.0 Min
0.8±
CL04-15
22
7.5
25.0 Min
0.8±
CL01-10D
9
5
25.0 Min
0.8±
CL01-12D
9
5
25.0 Min
0.8±
CL01-15D
9
5
25.0 Min
0.8±
CL03-10T
22
7.5
20.0 Min
1.2±
CL03-12T
22
7.5
20.0 Min
1.2±
CL03-15T
22
7.5
20.0 Min
1.2±
CL03-18T
22
7.5
20.0 Min
1.2±
CL05-08T
22
7.5
20.0 Min
1.2±
CL05-10T
22
7.5
20.0 Min
1.2±
CL05-12T
22
7.5
20.0 Min
1.2±
CL05-15T
22
7.5
20.0 Min
1.2±
2CL10-10
15
4.5
25.0 Min
0.8±
2CL10-12
15
4.5
25.0 Min
0.8±
2CL10-15
15
4.5
25.0 Min
0.8±
2CL10-20
15
4.5
25.0 Min
0.8±
2CL20-04
6.5
2.5
25.0 Min
0.8±
2CL20-08
15 / 9
4.5 / 5
25.0 Min
0.8±
2CL20-10
15 / 9
4.5 / 5
25.0 Min
0.8±
2CL20-12
15 / 9
4.5 / 5
25.0 Min
0.8±
2CL20-15
15 / 9
4.5 / 5
25.0 Min
0.8±
2CL20-06T
15 / 22
4.5 / 7.5
25.0 Min
0.8±
2CL20-08T
15 / 22
4.5 / 7.5
25.0 Min
0.8±
2CL20-10T
15 / 22
4.5 / 7.5
25.0 Min
0.8±
2CL20-12T
15 / 22
4.5 / 7.5
25.0 Min
0.8±
2CL20-15T
15 / 22
4.5 / 7.5
25.0 Min
0.8±
2CL20-18T
15 / 22
4.5 / 7.5
25.0 Min
0.8±
CL01-09
22
7.5
25.0 Min
0.8±
SERIES DIMENSIONAL DATA (cont.)
Series Type
VRRM (kV)
IF(AV) (mA)
VFM (V)
IFSM (A)
IRRM (μA)
trr (nS)
2CL10-04
4
100
5
10
2.0
---
2CL20-04
4
200
7
20
2.0
---
2CL70
6
5
24.0
0.5
2.0
80
2CL70A
6
5
24.0
0.5
2.0
80
2CL10-06
6
100
7
10
2.0
---
2CL20-06T
6
200
15
20
2.0
100/80
2CL71
8
5
30.0
0.5
2.0
80
2CL71A
8
5
30.0
0.5
2.0
80
2CL0508
8
50
9
5
2.0
---
2CL0508
8
50
16
5
2.0
100
2CL10-08
8
100
9
10
2.0
---
2CL10-08
8
100
16
10
2.0
100
2CL20-08
8
200
9
20
2.0
---
2CL20-08T
8
200
16
20
2.0
100/80
CL05-08T
8
500
16
40
5.0
100/80
2CL01-09
9
350
10
30
5.0
---
CL01-09
9
350
10
30
5.0
---
CL04-09
9
350
10
40
5.0
---
SERIES ELECTRICAL SPECIFICATIONS (cont.)



Html Pages

1 2