Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST26VF032BA-104I/SM Fiches technique(PDF) 3 Page - Microchip Technology

No de pièce SST26VF032BA-104I/SM
Description  2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BA-104I/SM Fiches technique(HTML) 3 Page - Microchip Technology

  SST26VF032BA-104I/SM Datasheet HTML 1Page - Microchip Technology SST26VF032BA-104I/SM Datasheet HTML 2Page - Microchip Technology SST26VF032BA-104I/SM Datasheet HTML 3Page - Microchip Technology SST26VF032BA-104I/SM Datasheet HTML 4Page - Microchip Technology SST26VF032BA-104I/SM Datasheet HTML 5Page - Microchip Technology SST26VF032BA-104I/SM Datasheet HTML 6Page - Microchip Technology SST26VF032BA-104I/SM Datasheet HTML 7Page - Microchip Technology SST26VF032BA-104I/SM Datasheet HTML 8Page - Microchip Technology SST26VF032BA-104I/SM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
 2013-2016 Microchip Technology Inc.
DS20005218E-page 3
SST26VF032B / SST26VF032BA
1.0
BLOCK DIAGRAM
FIGURE 1-1:
FUNCTIONAL BLOCK DIAGRAM
20005218 B1.0
Page Buffer,
I/O Buffers
and
Data Latches
SuperFlash
Memory
X - Decoder
Control Logic
Address
Buffers
and
Latches
HOLD#
Y - Decoder
CE#
SIO [3:0]
Serial Interface
OTP
WP#
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77