Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST38VF6402 Fiches technique(PDF) 56 Page - Microchip Technology

No de pièce SST38VF6402
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402 Fiches technique(HTML) 56 Page - Microchip Technology

Back Button SST38VF6402 Datasheet HTML 52Page - Microchip Technology SST38VF6402 Datasheet HTML 53Page - Microchip Technology SST38VF6402 Datasheet HTML 54Page - Microchip Technology SST38VF6402 Datasheet HTML 55Page - Microchip Technology SST38VF6402 Datasheet HTML 56Page - Microchip Technology SST38VF6402 Datasheet HTML 57Page - Microchip Technology SST38VF6402 Datasheet HTML 58Page - Microchip Technology SST38VF6402 Datasheet HTML 59Page - Microchip Technology SST38VF6402 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
©2015
DS-20005015B
08/15
56
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Not Recommended for New Designs
Figure 32:Non-Volatile Block Protect Mode
Program
(Protect Block)
Load data: XXAAH
Address: 555H
Load data: XX55H
Address: 2AAH
Load data: XXC0H
Address: 555H
Wait TIDA
Load data: XX80H
Address: XXH
Read data: Data
Address: BA
Load data: XXA0H
Address: XXH
Load data: XX30H
Address: 00H
Wait for end of
Program, Erase,
or Read
Load data: XX90H
Address: XXH
Load data: XX00H
Address: XXH
Load data: XX00H
Address: BA
More to
Program,Erase,
or Read?
Erase
Read Protect
Status
Yes
No
1309 F30.1
Program, Erase or Read
Note: Data = 00H (unprotect);
Data = 01H (protect).
X can be VIL or VIH, but no other value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64