Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSP56156ROM Fiches technique(PDF) 30 Page - Motorola, Inc

No de pièce DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Fiches technique(HTML) 30 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 26Page - Motorola, Inc DSP56156ROM Datasheet HTML 27Page - Motorola, Inc DSP56156ROM Datasheet HTML 28Page - Motorola, Inc DSP56156ROM Datasheet HTML 29Page - Motorola, Inc DSP56156ROM Datasheet HTML 30Page - Motorola, Inc DSP56156ROM Datasheet HTML 31Page - Motorola, Inc DSP56156ROM Datasheet HTML 32Page - Motorola, Inc DSP56156ROM Datasheet HTML 33Page - Motorola, Inc DSP56156ROM Datasheet HTML 34Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
AC Electrical Characteristics and Timing
30
DSP56156 Data Sheet
MOTOROLA
NOTE: During Read-Modify-Write instructions and internal instructions, the address lines do not change state.
Figure 17 External Bus Synchronous Timing — No Wait States
EXTAL
(Input)
T0
T1
T2
T3
T0
T1
T2
Data In
37
35
35
41
43
Data Out
34
36
40
42
47
48
51
50
46
49
45
47
48
CLKO
(Output)
A0-A15
PS/DS
R/W
(See Note)
BS
(Output)
WR
(Output)
RD
(Output)
TA
(Input)
D0-D15
(Output)
D0-D15
(Input)
41
35
44
External Bus Synchronous Timing
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76