Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA6901F Fiches technique(PDF) 6 Page - Rohm

No de pièce BA6901F
Description  2-Phase half-wave motor pre driver for fan motor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA6901F Fiches technique(HTML) 6 Page - Rohm

Back Button BA6901F Datasheet HTML 2Page - Rohm BA6901F Datasheet HTML 3Page - Rohm BA6901F Datasheet HTML 4Page - Rohm BA6901F Datasheet HTML 5Page - Rohm BA6901F Datasheet HTML 6Page - Rohm BA6901F Datasheet HTML 7Page - Rohm BA6901F Datasheet HTML 8Page - Rohm BA6901F Datasheet HTML 9Page - Rohm BA6901F Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BA6901F
Motor driver ICs
6/10
•CL, CS, CNF terminal
Output current is limited by voltage (VCL) that inputting to the CL terminal.
Resistor (RNF) of the output current detection is connected between emitter of the external output transistor and GND,
and output current is detected by inputting the voltage which occurred in that resistor to the CS terminal. Output current
is restricted as the electric potentials of the CL and the CS terminals are equal. But, there is offset between the CL
terminal and the CS terminal. Value of current limit is found by the following equation.
Value of current limit
=
RNF
VCL
−VCL_CSofs
VCL_CSofs : Offset between CL terminal and CS terminal
This offset is not the one written at electrical characteristics table, but the value determined under condition that the
external output transistors are connected. Be careful of this value, because it varies according to the external transistor.
The lager hFE of the output transistor makes the offset smaller, and smaller hFE makes it larger.
For output current limitation, a capacitor for the phase compensation between the CNF terminal and the VCC terminal is
needed.
However, when an output current limit isn’t needed, CS terminal is fixed on the low level (GND), and CL terminal is fixed
on the high level (VCC), and the capacitor of the CNF terminal isn’t necessary.
CNF
VCC
A1
A2
CS
CL
Current limit
(a) In the case that the current limit is applied.
CNF
VCC
A1
A2
CS
CL
(b) In the case that the current limit isn't applied.



Html Pages

1 2 3 4 5 6 7 8 9 10