Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3525 Fiches technique(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM3525
Description  Single Port USB Power Switch and Over-Current Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3525 Fiches technique(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3525 Datasheet HTML 2Page - National Semiconductor (TI) LM3525 Datasheet HTML 3Page - National Semiconductor (TI) LM3525 Datasheet HTML 4Page - National Semiconductor (TI) LM3525 Datasheet HTML 5Page - National Semiconductor (TI) LM3525 Datasheet HTML 6Page - National Semiconductor (TI) LM3525 Datasheet HTML 7Page - National Semiconductor (TI) LM3525 Datasheet HTML 8Page - National Semiconductor (TI) LM3525 Datasheet HTML 9Page - National Semiconductor (TI) LM3525 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Application Information (Continued)
•
Avoid vias as much as possible. If vias are used, use mul-
tiple vias in parallel and/or make them as large as pos-
sible.
•
Place the output capacitor and ferrite beads as close to
the USB connector as possible.
•
If ferrite beads are used, use wires with minimum resis-
tance and large solder pads to minimize connection re-
sistance.
DS101055-23
FIGURE 2. Self-Powered Hub Per-Port Voltage Drop
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10