Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3477AMMX Fiches technique(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM3477AMMX
Description  High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3477AMMX Fiches technique(HTML) 22 Page - National Semiconductor (TI)

Back Button LM3477AMMX Datasheet HTML 15Page - National Semiconductor (TI) LM3477AMMX Datasheet HTML 16Page - National Semiconductor (TI) LM3477AMMX Datasheet HTML 17Page - National Semiconductor (TI) LM3477AMMX Datasheet HTML 18Page - National Semiconductor (TI) LM3477AMMX Datasheet HTML 19Page - National Semiconductor (TI) LM3477AMMX Datasheet HTML 20Page - National Semiconductor (TI) LM3477AMMX Datasheet HTML 21Page - National Semiconductor (TI) LM3477AMMX Datasheet HTML 22Page - National Semiconductor (TI) LM3477AMMX Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Compensation (Continued)
A third option is to strategically place the ESR zero f
ESR of
the output capacitor to cancel out the sampling pole. In this
case, the capacitor C
C2 will not be used to cancel out fESR.
f
ESR should be placed around the crossover frequency fc, but
this will depend on how low Q is.
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23