Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLX71121 Fiches technique(PDF) 13 Page - Melexis Microelectronic Systems

No de pièce MLX71121
Description  FSK/OOK Receiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MELEXIS [Melexis Microelectronic Systems]
Site Internet  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71121 Fiches technique(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX71121 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX71121 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
MLX71121
300 to 930MHz
FSK/OOK Receiver
39010 71121
Page 13 of 29
Data Sheet
Rev. 012
Mar/15
In shutdown mode pin DTAO is set to Hi-Z state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29